PART |
Description |
Maker |
XC6372F XC6372 XC6372A XC6372B XC6372C XC6372D XC6 |
LINEAR HALL EFFECT SENSOR, DFN-6; Temp, op. min:-20(degree C); Temp, op. max:85(degree C); Pins, No. of:6; Case style:DFN; Base number:1395; Termination Type:SMD; Temperature, operating range:-20(degree C) to (degree C) RoHS Compliant: Yes XC6372
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
AAT3221IJS-1.5-T1 AAT3221IJS-1.6-T1 AAT3221IJS-1.8 |
150mA NanoPower⑩ LDO Linear Regulator 2.3 V FIXED POSITIVE LDO REGULATOR, 0.275 V DROPOUT, PDSO5 2.4 V FIXED POSITIVE LDO REGULATOR, 0.265 V DROPOUT, PDSO8 1.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.235 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5 2 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO5 150mA NanoPower?LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
AME78053JCTZ AME78122JBTZ AME78XX AME7805 AME78051 |
1A Positive Linear Regulator A正线性稳压器 1A Positive Linear Regulator 1安培正线性稳压器
|
AME, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
APW704510KC-TU APW704510KC-TR APW704510NC-TR APW70 |
Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:220uF; Capacitance Tolerance: /- 20%; ESR:0.4ohm; Operating Temp. Max:105 C; Operating Temp. Min:-55 C RoHS Compliant: Yes Advanced PWM and Linear Power Controller
|
http:// 线性稳 Anpec Electronics Corporation ETC[ETC] ANPEC[Anpec Electronics Coropration]
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
TCL1584 TCL1584-3.3CAB TCL1584-3.3CEB TCL1584-ADJC |
7A / 5A / 4.6A / 3A/ FAST RESPONSE/ LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS 7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS A / 5A 4.6a进入/ 3A条,响应速度快,低压降线性稳压器阳
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor, Inc] TelCom Semiconductor, Inc.
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
RC1584 RC1584T-1.5 RC1584M-1.5 |
7A Adjustable/Fixed Low Dropout Linear Regulator From old datasheet system 7A Adjustable/Fixed Low Dropout Linear Regulator 7A可调/固定低压差线性稳压器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Fairchild Semiconductor, Corp.
|
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
SG140-15T SG140-08T |
Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, MBCY3 Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 8; 8 V FIXED POSITIVE REGULATOR, MBCY3
|
Microsemi, Corp.
|
|